Part Number Hot Search : 
CD9014D3 SC2235 BST62 090663 GI41C RF206 LTC1282 5A150
Product Description
Full Text Search
 

To Download ATC2B10-48D12-03J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ATC210 Dual Series | 210 W DC-DC Intermediate Bus Converters
ATC210 Dual-Input Bus Converter
Integrated Power Conversion and Power Management Solution
Footprint optimized for high-density ATCA applications Accepts inputs from both -48 V "A" and "B" feeds Power management functions include ORing, inrush control and transient protection 210 W on 12 V Intermediate Bus 6 W on 3.3 V Management Power Bus I2C serial bus interface for monitoring and reporting Programmable alarm thresholds via I2C Bus Hardware alarms via opto-isolators for loss of A or B feeds Comprehensive protection circuitry - current, voltage and temperature RoHS compliant
The dual input ATC210 bus converter provides AdvancedTCA (ATCA/PICMG3.0) board designers a compact and rugged solution for generating intermediate bus voltages in a footprint-optimized package. The ATC210 is more than a power converter. It also provides power interface and power management functionality. The power interface functions include ORing, filtering and inrush control, while power management functionality is facilitated by both I2C serial bus and direct high-speed interfaces.
Critical alarms, such as loss of A or B feeds, are hardware-implemented. Other alarms are implemented over an I2C serial bus which is enhanced with an interrupt pin. The solution is provided in a 2.3 x 1.8 inch (59mm x 46mm) footprint and provides an optimized solution for space-constrained systems that employ distributed power architectures.
[ 2 YEAR WARRANTY ]
1
File Name: atc210.pdf Rev: 15 May 2006
SXA10 ATC210 Dual Series |Series |W15W DC-DC 210 DC-DC
Intermediate Bus Converters
Stresses in excess of the maximum ratings can cause permanent damage to the device. Operation of the device is not implied at these or any other conditions in excess of those given in the specification. Exposure to absolute maximum ratings can adversely affect device reliability. Absolute Maximum Ratings Characteristic Input voltage - continuous Input voltage - peak Symbol Vin (cont) Vin (peak) Top Tstorage Pout (max) -25 Min 0 Typ Max -75 -100 Units Vdc Vdc Notes and Conditions Vin(+) - Vin(-) Transients of 1 ms or less duration Refer to thermal specification section for derating guidelines
Operating temperature
85
C
Storage temperature Output power
-40 0
125 210
C W Main output load current must not exceed 17.5 A. Combined power not to exceed 210 Watts
All specifications are typical at nominal input Vin = 48 V, full load under any resistive load combination at 25 C unless otherwise stated. Input Characteristics Characteristic Input voltage - operating Symbol Vin (oper) lin(off) 0.142 0.137 Min -36 Typ Max -72 Units Vdc Notes and Conditions Management power available down to lower UVLO threshold Input current - quiescent 10 mAdc Outside working voltage range for 2 s or more @ 55.2 Vin @ 69.0 Vin Typical float voltage for 48 V and 60 V systems
Input Current - operating Iin (cont)_48 V no load on 12 Vout and 3.3 Vout Iin (cont)_60 V
A A
Input capacitance requirement (external) Inrush current, maximum amplitude Inrush current, duration
C i/p linrush Tinrush 8.8
82
F
See Application Note 205
10.30
A
Compliant with PICMG 3.0 sec 4.1.4.1 for boards Compliant with PICMG 3.0 sec 4.1.4.1 for boards In -48_A,B / RTN A,B lines*
2.00
ms
Input fuse *See Application Note 205 (Section 5.2) for manufacturer and part number.
10/12
A
Input Characteristics - Overload and Short Circuit Protection Characteristic Primary overload current Primary overload duration Short circuit protection across inrush capacitance (pin 11 wrt pin 10). Also includes the main power line from post inrush circuit up to and including the IBC input For all above overload and short circuit conditions, the unit shuts off safely. The unit can be restarted, providing the fault condition is no longer present. Symbol Ipri_OL Tpri_OL IS/C_switch on TS/C_switch on IS/C_operational TS/C_operational 1.8 2.0 Min 7.7 Typ 8.8 2.8 Max 10.3 3.0 5.7 2.6 85 12 Units A ms A ms A s Notes and Conditions Maximum current draw during overload event Maximum at 36 Volts Vin Worse case at 72 Volts Vin
2.4
2
File Name: atc210.pdf Rev: 22 Jun 2006
ATC210 Dual Series | 210 W DC-DC Intermediate Bus Converters
Turn On/Off Characteristic Input voltage - turn-on Input voltage - turn-off Input voltage - turn-on Input voltage - turn-off Rise time Symbol Vin (on) Vin (uvlo) Vin (on) Vin (ovlo) Trise_3.3 V Trise_12 V Min Typ Max -36 -32 -72 -77.5 1.1 20 Units Vdc Vdc Vdc Vdc ms ms 0 to 90%, full load, max output capacitance. 3.3 V comes up first 0 to 90%, full load, max output capacitance. Notes and Conditions
Signal Electrical Interface Characteristic - Signal Name Symbol Remote ON/OFF (Input only) pins 14 and 13 Min Typ Max Units Notes and Conditions Isolated floating opto coupler input. Can use 3.3 V output (secondary) or directly use enable A or B (primary) to turn on main 12 V output Iih Iih (leakage) Vil 3.0 1.6 5.0 10 mA A V Current flowing (into pin 14, out of pin 13) to turn on 12 V output Acceptable leakage current (into pin 14, out of pin 13) Converter is guaranteed on when r/c voltage (pin 14 wrt to pin 13) is equal to or greater than Vil (min) Maximum photodiode voltage drop Series resistance between pin 14 and pin 13 Isolation of signal from primary and from secondary circuits according to EN60950 and UL60950 Two open collector outputs, used to monitor the status of -48 V_A and -48 V_B buses respectively. Signal is active low, when buses are `OK' 35.0 Minimum voltage required at the input to IBC for A_OK# and B_OK# to be okay 0.8 3.4 10 mA A Sink current capability of each pin Maximum leakage current in open collector transistor when pin is pulled to 3.3 V Isolation of signal pins from primary circuits according to EN60950 and UL60950 Allows the 3.3 V to be trimmed up and down 3.13 3.48 3.16 8.06 3.52 V V k Connect trim pin to output return to trim high, and to 3.3 Vout to trim low. See Application Note 205 V/mA, current from pin increases output voltage See Application Note 205 for further details
Input current Acceptable high level Low level input voltage
Opto coupler voltage drop Internal resistance Isolation
Vd(on) Rint 1.0 Basic
1.5
V k
A_OK# and B_OK# (Output only) pins 16 and 17
Input Voltage (IBC)
Input current (sink) Maximum allowable leakage current Isolation
Iol Iol_leakage
0.3
Basic
3.3 V Trim (Input only) pin 27/28 Controlled output voltage range Vo trim up Vo trim down Programme/V select law Rcontrol
3
www.artesyn.com
File Name: atc210.pdf Rev: 15 May 2006
SXA10 ATC210 Dual Series |Series |W15W DC-DC 210 DC-DC
Intermediate Bus Converters
Signal Electrical Interface Contd. Characteristic - Signal Name Symbol Interrupt (output only) pin 18 Min Typ Max Units Notes and Conditions Output, which goes active low when any of the measured parameters goes outside its limits. See Application Note 205 for further detail Voh Vol Ioh Iol 2.90 3.10 3.30 0.1 5.0 5.0 V V mA mA Interrupt is not active Interrupt is active Output source current Output sink current SDA and SCL referenced to secondary side 3.3 V return provide the communication path with the `host' system. See Application Note 205 for further details This value is fixed Forms part of the I2C binary address. These are hardwired to logic `1' via 10 k pull-ups, but can be configured to logic `0' by connecting to 3.3 V output return via zero link(s). See Application Note 205 for further details These two inputs effectively connect to their respective returns once the Zone1 connector mates with the Zone1 socket on the backplane. Both Enables must mate to start up the unit
High level output voltage Low level output voltage High level output current Low level sink current I2C Bus (input and output) pins 20 and 22 Low level sink current
Iol
5.0
mA
Clock frequency Address A0, A1, A2 pins 21, 19 and 17 (input only)
I2Cfreq
100
kHz
Enable A & B (input only)
Holdup Characteristics
Characteristic Hold up capacitance requirement Clamp voltage Symbol Choldup Min Chold_min Typ Max 8,000 Units F Notes and Conditions Chold_min depends on load and hold up requirement on customer system. See Application Note 205 Voltage on hold up capacitors (pin 12 wrt pin 9) when input is 43 V and 210 W load If the clamp voltage exceeds Vcl_ovp, the unit trips. Reset is achieved by cycling the input power
Vcl
41.0
41.5
V
Clamp voltage OVP
Vcl_ovp
48.0
V
4
File Name: atc210.pdf Rev: 15 May 2006
ATC210 Dual Series | 210 W DC-DC Intermediate Bus Converters
Common Protection/Control
Characteristic Overtemperature protection (IBC) Symbol Top Min 120 Typ 125 Max 130 Units C Notes and Conditions The IBC shuts down, resulting in both shut down of 3.3 V and 12 V. Once the substrate temperature has decreased by 5 C, the IBC turns back on enabling both voltages Temperature sensors are on primary and secondary side. Once the thresholds have been exceeded, the 12 V output is disabled, but the 3.3 V remains. The 12 V output can only be enabled by cycling power or through the I2C interface provided that the temperature has decreased below its hysterisis level. Adjustable primary and secondary thresholds are also provided and can be set lower than the fixed thresholds. See Application Note 205.
Overtemperature protection (main unit) Primary side threshold Secondary side threshold Primary side hysterisis Secondary side hysterisis
Tpri Tsec Tpri_hys Tsec_hys
107 102 20 10
C C C C
Reliability and Service Life Characteristic Mean time between failure Symbol MTBF Min Typ 2,008,000 Max Units Hours Notes and Conditions Telcordia SR-332 Vin = Vin (nom); Iout = Iout (max); ambient 25 C; ground benign environment
Other Specifications
Characteristic Switching frequency Weight Symbol Fsw Min Typ 400 80 Max Units kHz g Notes and Conditions As determined by IBC
Environmental Specifications
Characteristic Thermal Performance Symbol Top Min -25 Typ Max 85 Units C Notes and Conditions See derating curves (Figures 1,2)
5
www.artesyn.com
File Name: atc210.pdf Rev: 15 May 2006
SXA10 ATC210 Dual Series |Series |W15W DC-DC 210 DC-DC
Intermediate Bus Converters
EMC Electromagnetic Compatibility
Phenomenon Immunity: Radiated immunity ESD Enclosure Port Standard Test level Criteria Notes and conditions
EN61000-4-3 EN61000-4-2 6 kV contact 8 kV air As per ETS 300 386-1 table 5
Emissions: Conducted emission
-48 V A or B bus and returns
EN55022
A/B
Conducted See Application Note 205 for guidelines on how to meet the required EMI standard
Referenced ETSI standards: ETS 300 386-1 table 5 (1997): Public telecommunication network equipment, EMC requirements ETS 300 132-2 (1996): Power supply interface at the input to telecommunication equipment: Part 2 operated by direct current (dc) ETR 283 (1997): Transient voltages at interface A on telecommunication direct current (dc) power distributions PICMG(R) 3.0 rev 2.0 : AdvancedTCATM Base Specification
Safety Agency Approvals
Characteristic Notes and Conditions UL/cUL60950-1 E174104 TUV Product Services EN60950-1 B051138572060 CB certficate and report to DE3-53905 IEC60950-1
Material Ratings
Characteristic Flammability rating Notes and Conditions UL94V-0
Model Numbers
Model Number ATC210-48D12-03J Input Voltage -36 to -72 Vdc Output Voltage 12 V Output Current (Max.) 17.5 A Typical Efficiency 89% @ full load Max. Load Regulation 5% Note Total output power = 210 W 3.3 V 1.8 A 3% Management power
RoHS Compliance Ordering Information The `J' at the end of the part number indicates that the part is Pb-free (RoHS 6/6 compliant). TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request, please contact your local sales representative for details.
6
File Name: atc210.pdf Rev: 15 May 2006
ATC210 Dual Series | 210 W DC-DC Intermediate Bus Converters
Electrical Characteristics - O/P
Characteristic Main Output - 12V Nominal set-point voltage Total regulation band Output current continuous Output current limit Vo (nom) Vo Iout Iocp 11.4 0 21.6 22.5 12.2 12.6 17.5 23.4 Vdc V Adc Adc During a short-circuit or when current limit of 12 V is exceeded, 12 V latches off, 3.3 V remains on. The 12 V can only be enabled by cycling power, or via the I2C interface, providing the fault condition has cleared. See Application Note 205 OVP response time is 50 s (typ.) mV p-p mVrms Vdc Measurement bandwidth 20 MHz Measurement bandwidth 20 MHz Lowest value of Vo @ Iout max. with input removed for hold up duration with recommended hold up capacitance Capacitance should be low ESR type. See Application Note 205 Vin = Vin (nom) For all line, static load and temperature variations Symbol Min Typ Max Units Notes and Conditions
Overvoltage protection for IBC Output voltage - noise, pk-pk Output voltage during hold up event
Vovp Vpk-pk Vrms Vo (hold)
13.4 0 0 11
14.6 50 20
15.9 100 50
Output capacitance
Co/p
1000
6000
F
Electrical Characteristics - O/P
Characteristic Management Power - 3.3V Nominal set-point voltage Total regulation band Output current continuous Output current limit Vo (nom) Vo Iout Iout_95% 2.7 3.20 3.32 3.40 1.81 Vdc V Adc Adc Current measured at approximately 95% of output voltage Short circuit of less than 10 m Output self recovers upon removal of the short circuit If the 3.3 V goes outside these limits, the 12 V output is disabled. The 12 V output is enabled again by cycling input power, or by resetting via I2C Measurement bandwidth 20 MHz Measurement bandwidth 20 MHz Lowest value of Vo @ Iout max with input removed for hold up duration with recommended hold up capacitance Capacitance should be low ESR type . See Application Note 205 Vin = Vin(nom) For all line, static load and temperature variations Symbol Min Typ Max Units Notes and Conditions
Output current at short circuit
Is/c
3.7
4.0
Adc
Output voltage monitor limits
Vuvp Vovp
2.94
3.00 3.60
3.67
Vdc Vdc
Output voltage - noise, pk-pk Output voltage during hold up event
Vpk-pk Vrms Vo (hold)
0 0 3.25
25 8
50 22
mV p-p mV rms Vdc
Output capacitance
Co/p
100
1000
F
7
www.artesyn.com
File Name: atc210.pdf Rev: 15 May 2006
SXA10 ATC210 Dual Series |Series |W15W DC-DC 210 DC-DC
Intermediate Bus Converters
Efficiency
Characteristic Efficiency Symbol Min 86 Typ 89 Max Units % Notes and Conditions full load, low to high line (12 V and 3.3 V = 210 W)
Isolation Characteristics
Characteristic Input to output insulation system Input to output test voltage Input to output capacitance Input to output resistance A_OK# and B_OK# ON/OFF+ and ON/OFF100 2,000 2,250 Symbol Min Typ Max Units Basic Vdc pF M Basic Basic Measured with 500 Vdc Isolation from primary circuit Isolation from both primary and secondary circuits Test duration 1s Notes and Conditions
8
File Name: atc210.pdf Rev: 15 May 2006
ATC210 Dual Series | 210 W DC-DC Intermediate Bus Converters
I2C Serial bus Interface - This page is a summary of the I2C features set for further detail refer to App 206 I2C Serial Bus Interface
I2C Addressing and Access Value Registers, Address 20 h to 28 h
Type Voltage (Pri) Current (Pri) Voltage (Pri) Voltage (Pri) Voltage (Sec) Voltage (Sec) Current (Sec) Temperature (Sec) Temperature (Pri) Parameter Name -48 V -48 V -48 V_A -48 V_B 3.3 V 12 V 12 V Temp Temp Description Voltage between HU- and HU+IN Current after input OR-ing Voltage between -48V A and RTN A Voltage between -48V A and RTN A Management power voltage Intermediate bus voltage Current in intermediate bus Secondary side temperature Primary side temperature Scaling Factor 0.2915 V/bit 0.0273 A/bit 0.2817 V/bit 0.2817 V/bit 0.0170 V/bit 0.0598 V/bit 0.1082 A/Bit 0.5 C/bit-10 C 0.5 C/bit-10 C Address 20 h 21 h 22 h 23 h 24 h 25 h 26 h 27 h 28 h
The temperature parameter is scaled at 0.5 C/bit with an offset of -10 C for a range of -10 C (00 h) to 117 C (FFh).
Serial Bus Interface General Description
Characteristic Bus type Clock frequency Supply Voltage (Note 1) Notes and Conditions I2C 100 kHz 3.3 V
Inventory Data
Parameter Name Firmware revision (primary) Firmware revision (secondary) Firmware P/N (primary) Firmware P/V (secondary) ATC210 P/N (Artesyn format) ATC210 Revision ATC210 Serial No. ATC210 Date Code ATC210 Vendor (Artesyn) Address 40 h-47 h 48 h-4F h 50 h-5F h 60 h-6F h 70 h-87 h 88 h-8F h 90 h-97 h 98 h-9F h A0 h-A7 h Field Size 8 8 16 16 24 8 8 8 8
9
www.artesyn.com
File Name: atc210.pdf Rev: 15 May 2006
SXA10 ATC210 Dual Series |Series |W15W DC-DC 210 DC-DC
Intermediate Bus Converters
OUTPUT POWER (W)
250 200 150 100 50 0 5 15 25 35 45 55 65 75 85
400 LFM 300 LFM 200 LFM 100 LFM
OUTPUT POWER (W)
300
300 250 200 150 100 50 0 5 15 25 35 45 55 65 75 85
400 LFM 300 LFM 200 LFM 100 LFM
AMBIENT TEMPERATURE (C)
AMBIENT TEMPERATURE (C)
Figure 1: Derating Curve with Forced Air -39 V to -60 V input
Figure 2: Derating Curve with Forced Air -36 V to -72 V input
91.00
100 90 80 70 60 50
35 45 55 65 75
EFFICIENCY (%)
EFFICIENCY (%)
90.50
90.00
Full Load
39.5 V 48.0 V 72.0 V
89.50
89.00
2
4
INPUT VOLTAGE (V)
6 8 10 12 14 OUTPUT CURRENT (A)
16
18
Figure 3: Efficiency vs. Line (Full Load)
Figure 4: Efficiency vs. Load
12 Vout 12 Vout 48 Vin 48 Vin
3.3 Vout
3.3 Vout
Figure 5: Turn-On Characteristic (48 Vin) Channel 1: 12 Vout; Channel 2: 3.3 Vout; Channel 4: 48 Vin
Figure 6: Turn-Off Characteristic Full Resistive Load (Input Power Removed) Channel 1: 12 Vout; Channel 2: 3.3 Vout; Channel 4: 48 Vin
10
File Name: atc210.pdf Rev: 15 May 2006
ATC210 Dual Series | 210 W DC-DC Intermediate Bus Converters
Inrush Current 12 Vout V Inrush Capacitor 82 F
3.3 Vout
Figure 7: Typical Output Ripple and Noise Measurement Channel 1: 12 Vout; Channel 2: 3.3 Vout
Figure 8: Inrush Current (39.5 V) Channel 3: Inrush Current; Channel 4: Voltage Across Inrush Capacitor
V Inrush Capacitor 82 F Inrush Current
`Starting off' point gets lower as input voltage increases
I_12 Vout R/C Turn-on signal 12 Vout
(Initial step is to charge up capacitance)
Figure 9: Inrush Current (72 V) Channel 3: Inrush Current; Channel 4: Voltage Across Inrush Capacitor
Figure 10: Remote Control Turning-on Characteristic. Vin = 48 Volts, Turning-on into Full Load for 12 Vout and 3.3 Vout
12 Vout 12 Vout I_12 Vout
R/C Turn-off signal 75-50% transient
50-75% transient
Figure 11: Remote Control Turning-off Characteristic. Vin = 48 Volts, Turning-off into Full Load for 12 Vout and 3.3 Vout
Figure 12: Typical Transient Response 75-50% and 50-75% Step Load Change (1 A/s), Channel 1: 12 Vout; Channel 3: Iout (12 Vout). Cout = 6000 F
11
www.artesyn.com
File Name: atc210.pdf Rev: 15 May 2006
SXA10 ATC210 Dual Series |Series |W15W DC-DC 210 DC-DC
Intermediate Bus Converters
12 Vout (maintained during hold-up period) current limit point 12 Vout Iprimary (off for 5 ms) Hold-up voltage available to IBC
3.3 Vout
I_12 Vout
3.3 Vout
Figure 13: 12 Vout Current Limit Channel 1: 12 Vout; Channel 2: 3.3 Vout Channel 3: Iout (12 Vout)
Figure 14: Hold-up Characteristic Vin = 43 Volts, 12 Vout @ 17.5 Amps, 3.3 Vout @ 1.81 Amps
12
File Name: atc210.pdf Rev: 15 May 2006
ATC210 Dual Series | 210 W DC-DC Intermediate Bus Converters
1 2 3 4
1.81 (46.00)
30
5 6 7 8 9 10 11 12
TOP VIEW
29 28 26 24 22 20 18 16 27 25 23 21 19 17 15
Recommended Drill Holes: Pins 1 to 14 1.3 mm Pins 15 to 28 1.1 mm Pins 29 and 30 1.9 mm
13 14
SIDE VIEW
2.32 (59.00)
1.01 (25.58)
0.91 (23.15)
0.46 (11.72)
0.61 (15.53)
1.06 (26.96)
1.91 (48.55)
2.01 (51.09)
0.83 (21.08)
1.65 (41.91) 1.55 (39.37) 1.45 (36.83) 1.35 (34.29) 1.25 (31.75)
1.65 (41.91) 1.50 (38.1) 1.20 (30.48) 1.05 (26.67) 0.90 (22.86) 0.75 (19.05) 0.6 (15.24) 0.45 (11.43) 0.30 (7.62) 0.15 (3.81) 0.00 BOTTOM VIEW
2.01 (51.09) 0.31 (7.91)
1.15 (29.21) 1.05 (26.67) 0.75 (19.05)
0.15 (3.81)
Dimensions in Inches (mm) Tolerances (unless otherwise specified) x.xx 0.02 (x.x 0.5) x.xxx 0.010 (x.xx 0.25)
Pin Functionality
Pin Number / Pin Name 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 -48V A -48V B Reserved Reserved RTN A RTN B ENA ENB C_CLHUHU+OUT HU+IN ON/OFFON/OFF+ B_OK# Pin Size 1.02 mm 1.02 mm See Note 2 See Note 2 1.02 mm 1.02 mm 1.02 mm 1.02 mm 1.02 mm 1.02 mm 1.02 mm 1.02 mm 1.02 mm 1.02 mm 0.64 mm Sq
0.00
Pin Functionality Continued
Pin Number / Pin Name 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 A_OK# A2 INTRPT A1 SCL A0 SDA 3V3 RTN 3V3 RTN 3V3 OUT 3V3 OUT 3V3 TRIM 3V3 TRIM 12V RTN 12V OUT Pin Size 0.64 mm Sq 0.64 0.64 0.64 0.64 0.64 0.64 0.64 0.64 0.64 0.64 0.64 0.64 1.58 1.58 mm mm mm mm mm mm mm mm mm mm mm mm mm mm Sq Sq Sq Sq Sq Sq Sq Sq Sq Sq Sq Sq
Figure 15 - Mechanical Drawing and Assignment Table (Pin Size is Diameter unless Otherwise Stated)
13
www.artesyn.com
File Name: atc210.pdf Rev: 15 May 2006
0.75 (19.05)
ATC210 Dual Series | 210 W DC-DC Intermediate Bus Converters
Pin Functionality
Pin Number / Pin Name 1 2 3 4 5 6 7 -48V A -48V B Reserved Reserved RTN A RTN B ENA Function Power input from `A' bus Power input from `B' bus For future use For future use Power return from `A' bus Power return from `B' bus When connected to RTN A, turns ON isolated open collector `A enabled' device (See Note 3) When connected to RTN B, turns ON isolated open collector `B enabled' device (See Note 3) Connection to module of auxilliary capacitor hold up array -ve Connection to module of hold up capacitor array -ve Connection from on board filter and management circuits to hold up capacitor array +ve Connection to main power converter from hold up capacitor array +ve Current from pin to turn main output ON Current into pin to turn main output ON Open collector signal, monitors status of "B" feed Open collector signal, monitors status of "B" feed May also connect to input of boost module to reduce hold up storage area May also connect to output of boost module to reduce hold up storage area Fully floating remote ON/OFF signal, may be used with management system or ATCA ENABLE_A/B via R-D network Fully floating remote ON/OFF signal, may be used with management system or ATCA ENABLE_A/B via R-D network Low when "OK" Low when "OK" I2C lines, address strapping Interrupt Alarm I2C Register out of limits, LM80 pin `INT#' direct connection I2C lines, address strapping Clock I2C lines, clock line input I2C lines, address strapping Data Management power return and I2C 3V3, 6 W management power Trim pin for management power 12 V return 12 V power Pin-Out Table Externally connected to ATCA Zone 1 connector pin 26 I2C lines, serial data Also return for `A _OK#' and 'B_OK#' signals. Externally connected to ATCA Zone 1 connector pin 26 Connects to ATCA Zone 1 connector pin 28 via external 12 A fuse Connects to ATCA Zone 1 connector pin 29 via external 12 A fuse Connects to ATCA Zone 1 connector pin 32 via external 1 A fuse. Used to signal to management system correct board insertion and presence of `A' bus Connects to ATCA Zone 1 connector pin 27 via external 1 A fuse. Used to signal to management system correct board insertion and presence of `B' bus Utilises greater capacitance in a given can size of lower voltage capacitors. Clamped to -50 V wrt HU+OUT Note Connects to ATCA Zone 1 connector pin 33 via external 10 A fuse Connects to ATCA Zone 1 connector pin 34 via external 10 A fuse
8
ENB
9 10 11
C_CLHUHU+OUT
12 13 14 15 16 17 18 19 20 21 22 23, 24 25, 26 27, 28 29 30
HU+IN ON/OFFON/OFF+ B_OK# A_OK# A2 INTRPT A1 SCL A0 SDA 3V3 RTN 3V3 OUT 3V3 TRIM 12V RTN 12V OUT
14
File Name: atc210.pdf Rev: 15 May 2006
ATC210 Dual Series | 210 W DC-DC Intermediate Bus Converters
Note 1
The reference return for the I2C bus is on the secondary (SELV) side of the converter (i.e. 3V3_RTN)
Note 2
Pins reserved for future use
Note 3
Both ENables (ENA/ENB) have to be connected to their respective RTNS to enable the internal power management IC.
CAUTION: Hazardous internal voltages and high temperatures. Ensure that unit is accessible only to trained personnel. The user must provide the recommended fusing in order to comply with safety approvals.
15
www.artesyn.com
File Name: atc210.pdf Rev: 15 May 2006
SXA10 ATC210 Dual Series |Series |W15W DC-DC 210 DC-DC
Intermediate Bus Converters
NORTH AMERICA
e-mail: sales.us@artesyn.com
800 769 7274 + 508 628 5600
EUROPEAN LOCATIONS
e-mail: sales.europe@artesyn.com
IRELAND + 353 24 93130 AUSTRIA + 43 1 80150
FAR EAST LOCATIONS
e-mail: sales.asia@artesyn.com
HONG KONG + 852 2699 2868
Longform Datasheet (c) Artesyn Technologies(R) 2006 The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
16
File Name: atc210.pdf Rev: 15 May 2006


▲Up To Search▲   

 
Price & Availability of ATC2B10-48D12-03J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X